PART |
Description |
Maker |
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTA123JEF PDTA123JE115 PDTA123JM PDTA123JK PDTA12 |
PNP resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V.
|
PEMD10 PEMD10_1 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm R2 = 47 kohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PEMD13 PEMD13_1 |
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP RESISTOR-EQUIPPED TRANSISTORS; R1 = 4.7 KOHM, R2 = 47 KOHM
|
Philips Semiconductors NXP Semiconductors
|
PEMH13 PUMH13 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=4.7千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
PUMD9 |
NPN/PNP resistor-equipped transistors
|
PHILIPS[Philips Semiconductors]
|
PEMD16-PUMD16-15 |
NPN/PNP resistor-equipped transistors R1 = 22 k? R2 = 47 k?
|
NXP Semiconductors
|
PUMD12 |
NPN/PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|
PIMD2 PEMD2 |
NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
|
NXP Semiconductors
|
PEMD10 PUMD10 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 47 k楼?
|
NXP Semiconductors
|